PART |
Description |
Maker |
HFB-R |
HFB In-Line Water-Resistant Series
|
Cooper Bussmann, Inc.
|
OSRRJ23131A |
3mm Round Red & Red LED UV Resistant Epoxy/ Water Clear Type High Luminous LEDs
|
OptoSupply International
|
AS11P2TLR AS11P2TLRQ |
Low voltage 1 ohm single-pole double-throw analog switch with break-before-make feature
|
ST Microelectronics
|
1T405 |
Vandal Resistant Pushbutton Switch; Illumination:Illuminated; Actuator Style:Round; Actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Solder Lug; Contact Current Max:50mA Variable Capacitance Diode
|
SONY[Sony Corporation]
|
RT-1116 |
Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
|
Tyco Electronics
|
ADG619BRTZ-500RL7 ADG620BRMZ-REEL7 ADG620BRM-REEL |
CMOS, ±5 V/ 5 V, 4 O, Single SPDT Switch (Break-Before-Make Switching Action); Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 CMOS, ±5 V/ 5 V, 4 O, Single SPDT Switch (Make-Before-Break Action); Package: MSOP; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 CMOS, ±5 V/ 5 V, 4 Ω, Single SPDT Switches
|
Analog Devices, Inc.
|
SSP-24MDB153S12G |
1.28 CIRCULAR, 24 LAMP POLYLED, 590nm SUPER YELLOW CHIPS, WATER CLEAR LENS, BA15 BASE, DOUBLE CONTACT AUTO BAYONET.
|
List of Unclassifed Manufacturers ETC
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EV200HABNA EV200AABNA EV200AJANA EV200-250 EV200HD |
Make & Break Load Switching Make & Break Load Switching
|
etc List of Unclassifed Man... List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
STG3684QTR STG3684 |
LOW VOLTAGE 0.5 OHM MAX DUAL SPD SWITCH WITH BREAK BEFORE MAKE FEATURE LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FSS430R4 FSS430D FSS430D1 FSS430D3 FSS430R FSS430R |
3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 3 A, 500 V, 2.7 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-257AA 3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 3A00V.70欧姆,拉德硬,SEGR耐,N沟道功率MOSFET 3A/ 500V/ 2.70 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
JANSR2N7408 FN4637 |
Quadruple 2-Input Positive-NAND Gates 14-VQFN -40 to 85 Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs From old datasheet system Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant,N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
|